công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MUX8520 bảng dữ liệu(PDF) 7 Page - Aeroflex Circuit Technology

tên linh kiện MUX8520
Giải thích chi tiết về linh kiện  MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MUX8520 bảng dữ liệu(HTML) 7 Page - Aeroflex Circuit Technology

  MUX8520 Datasheet HTML 1Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 2Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 3Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 4Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 5Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 6Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 7Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SCD8520 Rev B 5/17/11
Aeroflex Plainview
Notes:
1. It is recommended that all "NC" or "no connect pin", be grounded. This eliminates or minimizes any ESD or static buildup.
2. Package lid is internally connected to circuit ground (Pins 7, 8, 11, 21, 22, 35, 36, 49, 50).
PIN NUMBERS & FUNCTIONS
MUX8520 – 56 Leads Ceramic QUAD Flat Pack
Pin #
Function
Pin #
Function
1
CH0
29
NC
2
CH1
30
NC
3
CH2
31
NC
4
CH3
32
NC
5
CH4
33
NC
6
CH5
34
NC
7GND
35
GND
8GND
36
GND
9
CH6
37
NC
10
CH7
38
NC
11
CASE GND
39
VREF
12
OUTPUT (0-15)
40
NC
13
EN (0-15)
41
NC
14
A0
42
NC
15
A1
43
NC
16
A2
44
NC
17
A3
45
NC
18
+VEE
46
-VEE
19
CH15
47
NC
20
CH14
48
NC
21
GND
49
GND
22
GND
50
GND
23
CH13
51
NC
24
CH12
52
NC
25
CH11
53
NC
26
CH10
54
NC
27
CH9
55
NC
28
CH8
56
NC



Html Pages

1 2 3 4 5 6 7 8