công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F573DCX bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 74F573DCX
Giải thích chi tiết về linh kiện  Octal D-Type Latch with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F573DCX bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI)

  74F573DCX Datasheet HTML 1Page - National Semiconductor (TI) 74F573DCX Datasheet HTML 2Page - National Semiconductor (TI) 74F573DCX Datasheet HTML 3Page - National Semiconductor (TI) 74F573DCX Datasheet HTML 4Page - National Semiconductor (TI) 74F573DCX Datasheet HTML 5Page - National Semiconductor (TI) 74F573DCX Datasheet HTML 6Page - National Semiconductor (TI) 74F573DCX Datasheet HTML 7Page - National Semiconductor (TI) 74F573DCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
573
S
C
X
Temperature Range Family
Special Variations
74FeCommercial
QB e Military grade device with
54FeMilitary
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reels
Package Code
Temperature Range
P e
Plastic DIP
CeCommercial (0 Cto a70 C)
D e
Ceramic DIP
MeMilitary (b55 Cto a125 C)
F e
Flatpak
L e
Leadless Chip Carrier (LCC)
S e
Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
Physical Dimensions inches (millimeters)
20-Lead Ceramic Leadless Chip Carrier (L)
NS Package Number E20A
5



Html Pages

1 2 3 4 5 6 7 8