| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATMEGA8 bảng dữ liệu(PDF) 46 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA8 bảng dữ liệu(HTML) 46 Page - ATMEL Corporation |
|
46 / 303 page ![]() 46 ATmega8(L) 2486M–AVR–12/03 When the BOOTRST Fuse is unprogrammed, the boot section size set to 2K bytes and the IVSEL bit in the GICR Register is set before any interrupts are enabled, the most typical and general program setup for the Reset and Interrupt Vector Addresses is: AddressLabels Code Comments $000 rjmp RESET ; Reset handler ; $001 RESET:ldi r16,high(RAMEND); Main program start $002 out SPH,r16 ; Set Stack Pointer to top of RAM $003 ldi r16,low(RAMEND) $004 out SPL,r16 $005 sei ; Enable interrupts $006 <instr> xxx ; .org $c01 $c01 rjmp EXT_INT0 ; IRQ0 Handler $c02 rjmp EXT_INT1 ; IRQ1 Handler ... ... ... ; $c12 rjmp SPM_RDY ; Store Program Memory Ready Handler When the BOOTRST Fuse is programmed and the boot section size set to 2K bytes, the most typical and general program setup for the Reset and Interrupt Vector Addresses is: AddressLabels Code Comments .org $001 $001 rjmp EXT_INT0 ; IRQ0 Handler $002 rjmp EXT_INT1 ; IRQ1 Handler ... ... ... ; $012 rjmp SPM_RDY ; Store Program Memory Ready Handler ; .org $c00 $c00 rjmp RESET ; Reset handler ; $c01 RESET:ldi r16,high(RAMEND); Main program start $c02 out SPH,r16 ; Set Stack Pointer to top of RAM $c03 ldi r16,low(RAMEND) $c04 out SPL,r16 $c05 sei ; Enable interrupts $c06 <instr> xxx |