| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT54ACTS245E bảng dữ liệu(PDF) 7 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACTS245E bảng dữ liệu(HTML) 7 Page - Aeroflex Circuit Technology |
|
7 / 9 page ![]() 7 Packaging 1. All exposed metallized areas are gold plated over electroplated nickel per MIL-PRF-38535. 2. The lid is electrically connected to VSS. 3. Lead finishes are in accordance with MIL-PRF- 38535. 4. Dimension symbol is in accordance with MIL- PRF-38533. 5. Lead position and colanarity are not measured. Figure 1. 20-lead Flatpack |