| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT54ACS283 bảng dữ liệu(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACS283 bảng dữ liệu(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 11 page ![]() 2 FUNCTION TABLE H = high level, L = low level Note: Input conditions at A1, A2, B1, B2, and C0 are used to determine outputs Σ1 and Σ2 and the value of the internal carry C2. The values at C2, A3, B3, A4, and B4 are then used to determine outputs Σ3, Σ4, and C4. INPUT OUTPUT When C0 = L When C2 = L When C0 = H When C2 = H A1 A3 B1 B3 A2 A4 B2 B4 Σ1 Σ3 Σ2 Σ4 C2 C4 Σ1 Σ3 Σ2 Σ4 C2 C4 L L L L L L L H L L H L L L H L L L H L L H L L H L L L H L H H L L L H L H H L L L H L L H L H H L H L H L H H L L L H L H H L H H L L L H H H H L L L H H L H L L L H L H L H H L H L L H H H L L L H L H L H H H L L L H H H L H L L H H L H L L H H L L H H L H H L H H H L H L H H L H H H H L H L H H H H H H L H H H H H |