công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UT8R512K8 bảng dữ liệu(PDF) 21 Page - Aeroflex Circuit Technology

tên linh kiện UT8R512K8
Giải thích chi tiết về linh kiện  UT8R512K8 512K x 8 SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8R512K8 bảng dữ liệu(HTML) 21 Page - Aeroflex Circuit Technology

Back Button UT8R512K8 Datasheet HTML 15Page - Aeroflex Circuit Technology UT8R512K8 Datasheet HTML 16Page - Aeroflex Circuit Technology UT8R512K8 Datasheet HTML 17Page - Aeroflex Circuit Technology UT8R512K8 Datasheet HTML 18Page - Aeroflex Circuit Technology UT8R512K8 Datasheet HTML 19Page - Aeroflex Circuit Technology UT8R512K8 Datasheet HTML 20Page - Aeroflex Circuit Technology UT8R512K8 Datasheet HTML 21Page - Aeroflex Circuit Technology UT8R512K8 Datasheet HTML 22Page - Aeroflex Circuit Technology UT8R512K8 Datasheet HTML 23Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Aeroflex Colorado Springs Application Note
AN-MEM-002
Creation Date: 8/19/11
Page 3 of 5
Modification Date: 4/24/13
2.1.1 Chip Enable-Controlled Read Cycle
The Chip Enable-controlled Access is initiated by E1 and E2 going active while G remains asserted, W remains deasserted, and
the addresses remain stable for the entire cycle. After the specified tETQV is satisfied, the eight-bit word addressed by A(18:0)
is accessed and appears at the data outputs DQ(7:0).
2.1.1 Output Enabled-Controlled Read Cycle
The Output Enable-controlled Access is initiated by G going active while E1 and E2 are asserted, W is deasserted, and the
addresses are stable. Read access time is tGLQV unless tAVQV or tETQV have not been satisfied.
3.0 Low Power Read Architecture Timing Consideration
The low power read architecture employed by Aeroflex designed SRAMs results in significant power reduction, especially in
applications with longer than minimum read cycle times. However, this type of architecture is responsive to excessive input
signal skew when device addressing and chip enable assertion occur simultaneously. Signal skew of greater than 4-5ns
between all of the read triggering activities is sufficient to start another read cycle.
Assumptions:
1. G < VIL (max) and W > VIH (min)
A(18:0)
SRAM Read Cycle 2: Chip Enable Access
E1 low or
E2 high
DATA VALID
tEFQZ
tETQV
tETQX
DQ(7:0)
Note: No specification is given for address set-up time with respect to chip enable assertion. The read cycle description states that
addresses are to remain stable for the entire cycle. Address set-up time relative to chip enable is assumed to be 0ns minimum.
SRAM Read Cycle 3: Output Enable Access
A(18:0)
DQ(7:0)
G
tGHQZ
Assumptions:
1. E1 < VIL (max) , E2 > and W > VIH (min)
tGLQV
tGLQX
tAVQV
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com