công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UT54ACS191E bảng dữ liệu(PDF) 10 Page - Aeroflex Circuit Technology

tên linh kiện UT54ACS191E
Giải thích chi tiết về linh kiện  Synchronous 4-Bit Up-Down Binary Counters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS191E bảng dữ liệu(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT54ACS191E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS191E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS191E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS191E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS191E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS191E Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS191E Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACS191E Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACS191E Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Ordering Information: UT54ACS191E: SMD
Drawing Number:
96564 = UT54ACS191E
Device Type:
02 = 1 rad(Si)/sec
Package Type:
X = 16-lead ceramic bottom-brazed dual-in-line Flatpack
Lead Finish: (Notes 1 to 2)
A = Solder
C = Gold
X = Optional
5962
*****
**
*
*
*
*
Total Dose: (Note 3 and 4)
R = 1E5 rads(Si)
F = 3E5 rads(Si)
G = 5E5 rads(Si)
H = 1E6 rads(Si)
03 = 50 to 300 rads(Si)/sec
Class Designator:
Q = QML Class Q
V = QML Class V
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3. Total dose radiation must be specified when ordering. QML Q and QML V not available without radiation hardening. For prototype inquiries, contact
factory.
4. Device type 02 is only offered with a TID tolerance guarantee of 3E5 rads(Si) or 1E6 rads(Si) and is tested in accordance with MIL-STD-883 Test
Method 1019 Condition A and section 3.11.2. Device type 03 is only offered with a TID tolerance guarantee of 1E5 rads(Si), 3E5 rads(Si), and 5E5
rads(Si), and is tested in accordance with MIL-STD-883 Test Method 1019 Condition A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12