công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UT699E-ZPC bảng dữ liệu(PDF) 9 Page - Aeroflex Circuit Technology

tên linh kiện UT699E-ZPC
Giải thích chi tiết về linh kiện  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E-ZPC bảng dữ liệu(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT699E-ZPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT699E-ZPC Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
2.11 General Purpose I/O
EMDIO
I/O
D20
high-z
Ethernet media interface data
ERX_COL
I
E21
--
Ethernet collision error
ERX_CRS
I
E20
--
Ethernet carrier sense detect
ERX_DV
I
D21
--
Ethernet receiver data valid
ERX_ER
I
C21
--
Ethernet reception error
ERXD[0]
I
C22
--
Ethernet receive data
ERXD[1]
I
B21
--
Ethernet receive data
ERXD[2]
I
C20
--
Ethernet receive data
ERXD[3]
I
B20
--
Ethernet receive data
ETXD[0]
O
C19
low
Ethernet transmit data
ETXD[1]
O
C18
high
Ethernet transmit data
ETXD[2]
O
B18
low
Ethernet transmit data
ETXD[3]
O
B19
high
Ethernet transmit data
ETX_CLK
I
A19
--
Ethernet TX clock
ETX_EN
O
A18
low
Ethernet transmit enable
ETX_ER
O
A20
low
Ethernet transmit error. Always driven low.
Pin Name
Direction
Pin
Number
Reset
Value
Description
484 CLGA
GPIO[0]
I/O
B17
high-z
Bit 0 of general purpose I/O
GPIO[1]
I/O
C17
high-z
Bit 1 of general purpose I/O
GPIO[2]
I/O
A17
high-z
Bit 2 of general purpose I/O
GPIO[3]
I/O
D17
high-z
Bit 3 of general purpose I/O
GPIO[4]
I/O
C16
high-z
Bit 4 of general purpose I/O
GPIO[5]
I/O
D16
high-z
Bit 5 of general purpose I/O
GPIO[6]
I/O
C15
high-z
Bit 6 of general purpose I/O
GPIO[7]
I/O
D15
high-z
Bit 7 of general purpose I/O
Pin Name
Direction
Pin
Number
Reset
Value
Description
484 CLGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41