| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT699E bảng dữ liệu(PDF) 25 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT699E bảng dữ liệu(HTML) 25 Page - Aeroflex Circuit Technology |
|
25 / 41 page ![]() 25 Aeroflex Microelectronics Solutions - HiRel 36-00-00-001 Ver. 1.5.0 4.1.4 Boot Strap Programming on GPIO Data on pins GPIO[2:0], GAPIO[7:4] and GPIO[15:12] are latched on the rising edge of reset. The states of GPIO[2:0] determine the data width of the PROM area, and enable EDAC for the PROM area. Chapter 3 of the User’s Manual describes the value of these inputs to achieve the required operation. The states of GPIO[7:4] provides a means to configure the SpaceWire clock divisor link bits in the Clock Divisor Register. The states of GPIO[15:12] set the least significant address nibble of the IP and MAC address for the Ethernet Debug Communication Link (EDCL). In order for the state of GPIO[2:0] to be properly latched, Aeroflex recommends placing pull-up or pull-down resistors on these pins to ensure that the setup and hold timing is met. The states of these pins should be statically set prior to the rising edge of RESET. |