công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UT54BS16245 bảng dữ liệu(PDF) 10 Page - Aeroflex Circuit Technology

tên linh kiện UT54BS16245
Giải thích chi tiết về linh kiện  UT54BS16245 16bit Bus Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS16245 bảng dữ liệu(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT54BS16245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
UT54BS16245 Bus Switch Analog SMD:
5962 – XXXXX **
* * *
Lead Finish: (Notes 1 & 2)
A = Solder
C = Gold
X = Optional
Package Type:
X = 48-lead ceramic bottom-brazed Flatpack
Class Designator:
Q = QML Class Q
V = QML Class V
Device Type:
01 = UT54BS16245 (Temperature range -55C to +125C)
Drawing Number:
XXXXX = TBD
Total Dose: (Note 3 & 4)
R = 1E5 rads(Si)
F = 3E5 rads(Si)
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, part marking will match the lead finish and will be either
“A” (solder) or “C” (gold).
36-00-03-005
Ver. 1.0.0
10
Aeroflex Microelectronic Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11