| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE6286 bảng dữ liệu(PDF) 2 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6286 bảng dữ liệu(HTML) 2 Page - Infineon Technologies AG |
|
2 / 19 page ![]() Target Data TLE 6286 Version 1.02 2 2001-10-15 application but it is also possible to use an external voltage regulator. A wake-up caused by a message on the bus enables the voltage regulator and sets the RxD output low until the device is switched to normal operation mode. The IC is based on the Smart Power Technology SPT® which allows bipolar and CMOS control circuitry in accordance with DMOS power devices existing on the same monolithic circuit. The TLE 6286 is designed to withstand the severe conditions of automotive applications. |