| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE6244 bảng dữ liệu(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6244 bảng dữ liệu(HTML) 12 Page - Infineon Technologies AG |
|
12 / 70 page ![]() Final Data Sheet 12 V4.2, 2003-08-29 TLE 6244X SPI Instructions SPI Instruction Encoding Description bit 7,6 CPAD1,0 bit 5,4,3,2,1 INSTR(4...0) Parity RD_IDENT1 00 00000 0 read identifier 1 RD_IDENT2 00 00001 1 read identifier2 WR_STATCON 00 10001 0 write into STATCON_REG WR_MUX1 00 10010 0 write into MUX_REG1 WR_MUX2 00 10011 1 write into MUX_REG2 WR_SCON1 00 10100 0 write into SCON_REG1 WR_SCON2 00 10101 1 write into SCON_REG2 WR_SCON3 00 10110 1 write into SCON_REG3 WR_CONFIG 00 10111 0 write into CONFIG RD_MUX1 00 00010 1 read MUX_REG1 RD_MUX2 00 00011 0 read MUX_REG2 RD_SCON1 00 00100 1 read SCON_REG1 RD_SCON2 00 00101 0 read SCON_REG2 RD_SCON3 00 00110 0 read SCON_REG3 RD_STATCON 00 00111 1 read STATCON_REG DEL_DIA 00 11000 0 resets the 5 diagnostic registers DIA_REG RD_DIA1 00 01000 1 read DIA_REG1 RD_DIA2 00 01001 0 read DIA_REG2 RD_DIA3 00 01010 0 read DIA_REG3 RD_DIA4 00 01011 1 read DIA_REG4 RD_DIA5 00 01100 0 read DIA_REG5 RD_CONFIG 00 01101 1 read CONFIG RD_INP1 00 01110 1 read INP_REG1 RD_INP2 00 01111 0 read INP_REG2 all others no function |