| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT54ACTS132 bảng dữ liệu(PDF) 1 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACTS132 bảng dữ liệu(HTML) 1 Page - Aeroflex Circuit Technology |
|
1 / 9 page ![]() 1 Standard Products UT54ACS132/UT54ACTS132 Quadruple 2-Input NAND Schmitt Triggers Datasheet November 2010 www.aeroflex.com/logic FEATURES 1.2μ CMOS (ACTS 132) and 0.6μ CRH CMOS process (ACS132) - Latchup immune High speed Low power consumption Single 5 volt supply Available QML Q or V processes Flexible package - 14-pin DIP (not available for the ACS132) - 14-lead flatpack UT54ACS132 - SMD 5962-96542 UT54ACTS132 - SMD 5962-96543 DESCRIPTION The UT54ACS132 and the UT54ACTS132 are 2-input NAND gates with Schmitt Trigger input levels. A high applied on both the inputs forces the output to a low state. The devices are characterized over full military temperature range of -55 °C to +125°C. FUNCTION TABLE LOGIC SYMBOL PINOUTS 14-Pin DIP Top View 14-Lead Flatpack Top View LOGIC DIAGRAM INPUTS OUTPUT An Bn Yn L L H L H H H L H H H L Y1 (3) (6) Y2 Y3 (8) (11) Y4 (1) A1 (2) B1 (4) A2 (5) B2 (9) A3 (10) B3 (12) A4 (13) B4 Note: 1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC Publication 617-12. & A1 B1 Y1 A2 B2 Y2 VSS VDD B4 A4 Y4 B3 A3 Y3 114 213 312 411 510 69 78 VDD B4 A4 Y4 B3 A3 Y3 A1 B1 Y1 A2 B2 Y2 VSS 114 213 312 411 510 69 78 B4 A4 Y4 B3 A3 Y3 A1 B1 Y1 A2 B2 Y2 |
Số phần tương tự - UT54ACTS132 |
|
Mô tả tương tự - UT54ACTS132 |