| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT54ACTS27 bảng dữ liệu(PDF) 1 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACTS27 bảng dữ liệu(HTML) 1 Page - Aeroflex Circuit Technology |
|
1 / 9 page ![]() 1 Standard Products UT54ACS27/UT54ACTS27 Triple 3-Input NOR Gates Datasheet November 2010 www.aeroflex.com/logic FEATURES 1.2μ CMOS - Latchup immune High speed Low power consumption Single 5 volt supply Available QML Q or V processes Flexible package - 14-pin DIP - 14-lead flatpack UT54ACS27 - SMD 5962-96528 UT54ACTS27 - SMD 5962-96529 DESCRIPTION The UT54ACS27 and the UT54ACTS27 are triple, three-input NOR gates. The circuits perform the Boolean functions Y = A+B+C or Y = A ⋅B⋅C in positive logic. The devices are characterized over full military temperature range of -55 °C to +125°C. FUNCTION TABLE LOGIC SYMBOL PINOUTS 14-Pin DIP Top View 14-Lead Flatpack Top View LOGIC DIAGRAM INPUTS OUTPUT A B C Y H X X L X H X L X X H L L L L H Y1 (12) (6) Y2 Y3 (8) (1) A1 (2) B1 (13) C1 (3) A2 (4) B2 (5) C2 (9) A3 (10) B3 Note: 1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC Publication 617-12. ≥1 (11) C3 1 2 3 4 5 7 6 14 13 12 11 10 8 9 A1 B1 A2 B2 C2 Y2 VSS VDD C1 Y1 C3 B3 A3 Y3 1 2 3 4 5 7 6 14 13 12 11 10 8 9 VDD C1 Y1 C3 B3 A3 Y3 A1 B1 A2 B2 C2 Y2 VSS Y1 A1 B1 C1 Y2 A2 B2 C2 Y3 A3 B3 C3 |
Số phần tương tự - UT54ACTS27 |
|
Mô tả tương tự - UT54ACTS27 |