| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RHD5902 bảng dữ liệu(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
RHD5902 bảng dữ liệu(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 7 page ![]() 2 SCD5902 Rev B 3/25/13 Aeroflex Plainview 16-Pin SOIC OUT_D -IN_D +IN_D -IN_C OUT_C EN_CD OUT_A -IN_A +IN_A VCC +IN_B -IN_B OUT_B EN_AB RHD5902 VEE +IN_C 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 Notes: 1. Package and Lid are electrically isolated from signal pads. 2. It is recommended that the Lid be grounded to prevent any ESD or static buildup. 3. EN_AB enables amplifiers A & B. EN_CD enables amplifiers C & D. OUT_A OUT_B OUT_C OUT_D +IN_A -IN_A +IN_B -IN_B EN_AB +IN_C -IN_C +IN_D -IN_D EN_CD 3 2 5 6 8 12 11 14 15 9 16 10 7 1 A B C D 13 4 VCC VEE FIGURE 1: BLOCK DIAGRAM FIGURE 2: PACKAGE PIN-OUT Pin Signal Name Definition 1OUT_A Output of Amplifier A. 2 -IN_A Inverting input of Amplifier A. 3 +IN_A Non-Inverting input of Amplifier A. 4 VCC + Voltage Supply. 5 +IN_B Non-Inverting input of Amplifier B. 6 -IN_B Inverting input of Amplifier B. 7OUT_B Output of Amplifier B. 8EN_AB A Logic Low will disable Amplifiers A & B so that the outputs are high impedance. 9EN_CD A Logic Low will disable Amplifiers C & D so that the outputs are high impedance. 10 OUT_C Output of Amplifier C. 11 -IN_C Inverting input of Amplifier C. 12 +IN_C Non-Inverting input of Amplifier C. 13 VEE - Voltage Supply. 14 +IN_D Non-Inverting input of Amplifier D. 15 -IN_D Inverting input of Amplifier D. 16 OUT_D Output of Amplifier D. TABLE 1: PIN-OUT DESCRIPTION |