công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS5R-VB12 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện PS5R-VB12
Giải thích chi tiết về linh kiện  Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

PS5R-VB12 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

  PS5R-VB12 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS5R-VB12 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
IDEC Corporation • 1175 Elko Drive • Sunnyvale, CA 94089 • 800-262-IDEC (4332) • Fax: 408-745-5258 • www.IDEC.com/usa
©2015 IDEC Corporation. All Rights Reserved. PDF only
Series Operation
Series operation is allowed. Connect Schottky barrier diodes D as shown below. Select a
Schottky diode in consideration of the rated current. The diode’s reverse voltage must be higher
than the PS5R-V's output voltage.
L
D
D
N
L
N
+V
–V
L
N
+V
–V
Load
(a)
L
N
L
N
+V
–V
L
N
+V
–V
Load
Load
(b)
Parallel Operation
Parallel operation is not possible to increase the output capacity, because the inter-
nal elements and load may be damaged.
Backup Operation
Backup operation is a connection method of two switching power supplies in parallel for emer-
gency. Normally one switching power supply has a sufficient output. If one switching power
supply fails, another one operates to continue the output. Make sure that the sum of power
consumption by load and diode is not greater than the rated wattage (rated voltage × rated cur-
rent) of one switching power supply.
−
IN
AC
OUT
−
IN
OUT
Load
D
D
Select a diode in consideration of:
Diode's current must be more than double the PS5R-V's output current. Take heat dissipation
into consideration.
Warranty
IDEC warranties the PS5R-V switching power supply for a period of five years from the date of
shipment.
Scope
IDEC agrees to repair or replace the PS5R-V switching power supply if the product has been
operated under the following conditions. The maximum value of output capacity is within the
range shown in “Operating Temperature vs.
Output Current on page 3.
1. Average operating temperature (ambient temperature of switching power supply) is 40°C
maximum.
2. The load is 80% maximum.
3. Input voltage is the rated input voltage.
4. Standard mounting style
IDEC shall not be liable for other damages including consequential, contingent or incidental dam-
ages. Warranty does not apply if the PS5R-V switching power supply was subject to:
1. Inappropriate handling, or operation beyond specifications.
2. Modification or repair by other than IDEC.
3. Failure caused by other than the PS5R-V switching power supply.
4. Failure caused by natural disasters.
OPERATING INSTRUCTIONS
WARRANTY



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com