| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4905G bảng dữ liệu(PDF) 1 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4905G bảng dữ liệu(HTML) 1 Page - Infineon Technologies AG |
|
1 / 13 page ![]() SOT-89 Data Sheet 1 2000-07-01 Uni- and Bipolar Hall IC Switches for Magnetic Field Applications TLE 4905 G; TLE 4935 G TLE 4935-2 G; TLE 4945-2 G Bipolar IC TLE 4905/35/35-2/45-2 (Unipolar/Bipolar Magnetic Field Switches) have been designed specifically for automotive and industrial applications. Reverse polarity protection is included on-chip as is output protection against negative voltage transients. Typical applications are position/proximity indicators, brushless DC motor commutation, rotational indexing etc. Type Marking Ordering Code Package TLE 4905 G 05 Q62705-K402 SOT-89 TLE 4935 G 35 Q62705-K404 SOT-89 TLE 4935-2 G 35 2 Q62705-K405 SOT-89 TLE 4945-2 G 45 2 Q62705-K403 SOT-89 Features • Temperature compensated magnetic performance • Digital output signal • For unipolar and alternating magnetic fields • Large temperature range • Protection against reversed polarity • Output protection against electrical disturbances |
Số phần tương tự - TLE4905G |
|
Mô tả tương tự - TLE4905G |