| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1920 bảng dữ liệu(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC1920 bảng dữ liệu(HTML) 13 Page - Infineon Technologies AG |
|
13 / 78 page ![]() TC1920 Preliminary Data Sheet 9 V 1.3, 2003-10 P1 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 83 84 85 86 87 91 92 93 V18 R16 P16 T17 U18 R17 T18 P17 I/O I/O I/O I/O I/O I/O I/O I/O Port 1 Port 1 is an 8-bit bidirectional general purpose I/O port which is also used as input/output for the GPTU1 GPTU1.0 GPTU1 I/O line 0 GPTU1.1 GPTU1 I/O line 1 GPTU1.2 GPTU1 I/O line 2 GPTU1.3 GPTU1 I/O line 3 GPTU1.4 GPTU1 I/O line 4 GPTU1.5 GPTU1 I/O line 5 GPTU1.6 GPTU1 I/O line 6 GPTU1.7 GPTU1 I/O line 7 P2 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 P2.8 P2.9 P2.10 P2.11 P2.12 P2.13 P2.14 P2.15 131 132 133 137 138 139 140 141 142 143 147 148 149 150 151 152 G18 G17 H16 F18 E18 F17 H15 G16 E17 G15 D18 C18 F16 D17 E16 F15 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Port 2 Port 2 is a 16-bit bidirectional general purpose I/O port which is also used as input/output for serial interfaces (CAN, J1850, IIC, ASC0, SSC) RXDCAN0 CAN 0 receiver input TXDCAN0 CAN 0 transmitter output RXDCAN1 CAN 1 receiver input TXDCAN1 CAN 1 transmitter output RXJ1850 SDLM receiver input TXJ1850 SDLM transmitter output SCL0 IIC Serial Port Clock line 0 SDA0 IIC Serial Port Data line 0 SCL1 IIC Serial Port Clock line 1 SDA1 IIC Serial Port Data line 1 RXD0 ASC0 receiver input/output TXD0 ASC0 transmitter output SCLK SSC clock line MRST SSC master receive/slave transmit MTSR SSC master transmit/slave receive PLL_CLC.LOCK Monitoring of PLL_CLC.LOCK Table 1 Pin Definitions and Functions Symbol Pad1) BGA BALL In/ Out2) Functions |