| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1765T bảng dữ liệu(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC1765T bảng dữ liệu(HTML) 12 Page - Infineon Technologies AG |
|
12 / 88 page ![]() TC1765 Data Sheet 8 V1.2, 2002-12 Preliminary BC0 BC1 BC2 BC3 RD RD/WR ADV WAIT/IND BAA CODE U2 V1 U3 V2 T1 T2 U1 R5 U4 V3 O O O O O O O I O O EBU Control Lines1)5) The EBU control lines are required for controlling external memory or peripheral devices. Byte control line 0 Byte control line 1 Byte control line 2 Byte control line 3 Read control line Write control line Address valid output Wait input / End of burst input Burst address advance output Code fetch status output The CODE signal has the same timing as the chip select signals. Table 1 Pin Definitions and Functions (cont’d) Symbol Pin In Out Functions |