| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC11IB bảng dữ liệu(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC11IB bảng dữ liệu(HTML) 21 Page - Infineon Technologies AG |
|
21 / 108 page ![]() TC11IB Data Sheet 17 V2.3, 2003-11 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 AD8 AD9 AD10 AD11 AD12 AD13 AD14 AD15 AD16 AD17 AD18 AD19 AD20 AD21 AD22 AD23 AD24 AD25 AD26 AD27 AD28 AD29 AD30 AD31 L25 L24 K24 K25 J24 H24 G24 G23 K26 J26 J25 H26 H25 G26 G25 F26 F25 F24 E24 E23 D24 C25 C24 B24 E26 E25 D26 D25 C26 B26 B25 A25 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC PUC EBU_LMB Address / Data Bus Input / Output Lines EBU_LMB Address / Data Bus Line 0 EBU_LMB Address / Data Bus Line 1 EBU_LMB Address / Data Bus Line 2 EBU_LMB Address / Data Bus Line 3 EBU_LMB Address / Data Bus Line 4 EBU_LMB Address / Data Bus Line 5 EBU_LMB Address / Data Bus Line 6 EBU_LMB Address / Data Bus Line 7 EBU_LMB Address / Data Bus Line 8 EBU_LMB Address / Data Bus Line 9 EBU_LMB Address / Data Bus Line 10 EBU_LMB Address / Data Bus Line 11 EBU_LMB Address / Data Bus Line 12 EBU_LMB Address / Data Bus Line 13 EBU_LMB Address / Data Bus Line 14 EBU_LMB Address / Data Bus Line 15 EBU_LMB Address / Data Bus Line 16 EBU_LMB Address / Data Bus Line 17 EBU_LMB Address / Data Bus Line 18 EBU_LMB Address / Data Bus Line 19 EBU_LMB Address / Data Bus Line 20 EBU_LMB Address / Data Bus Line 21 EBU_LMB Address / Data Bus Line 22 EBU_LMB Address / Data Bus Line 23 EBU_LMB Address / Data Bus Line 24 EBU_LMB Address / Data Bus Line 25 EBU_LMB Address / Data Bus Line 26 EBU_LMB Address / Data Bus Line 27 EBU_LMB Address / Data Bus Line 28 EBU_LMB Address / Data Bus Line 29 EBU_LMB Address / Data Bus Line 30 EBU_LMB Address / Data Bus Line 31 BC0 BC1 BC2 BC3 M25 M26 L26 M24 I/O I/O I/O I/O PUC PUC PUC PUC EBU_LMB Byte Control Line 0 EBU_LMB Byte Control Line 1 EBU_LMB Byte Control Line 2 EBU_LMB Byte Control Line 3 Table 1 Pin Definitions and Functions(cont’d) Symbol Pin In Out PU/ PD1) Functions |