| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC563LHEVB bảng dữ liệu(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC563LHEVB bảng dữ liệu(HTML) 2 Page - Semtech Corporation |
|
2 / 16 page ![]() SC563 2 Pin Configuration Marking Information Ordering Information Device Package SC563LHULTRC()(2) MLPD-UT8 .6×.2 SC563LHEVB(3) Evaluation Board Notes: () Available in tape and reel only. A reel contains 3,000 devices. (2) Lead-free package only. Device is WEEE and RoHS compliant. (3) See the Voltage Options Table for Manufacture Part Number TO P VIEW EN1 8 VIN1 7 VIN2 6 2 O UT1 1 G ND 3 O UT2 4 EN2 5 G ND PAD MLPD-UT8; 1.6x1.2, 8 LEAD θ JA = 90°C/W Voltage Options and Part Numbering Device Ordering Number Output Voltage Options Mark- ing Code Auto-Dis- charge OUT OUT2 SC563LH SC563LHULTRC 3.3V .8V LH Yes Note: For additional Fixed Output Voltage Options, contact Semtech marketing. |