công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPP20N60CFD bảng dữ liệu(PDF) 3 Page - Infineon Technologies AG

tên linh kiện SPP20N60CFD
Giải thích chi tiết về linh kiện  Cool MOS??Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP20N60CFD bảng dữ liệu(HTML) 3 Page - Infineon Technologies AG

  SPP20N60CFD Datasheet HTML 1Page - Infineon Technologies AG SPP20N60CFD Datasheet HTML 2Page - Infineon Technologies AG SPP20N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPP20N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPP20N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPP20N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPP20N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPP20N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPP20N60CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2003-12-22
Page 3
SPP20N60CFD
Electrical Characteristics , at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Transconductance
g
fs
VDS≥2*ID*RDS(on)max,
ID=13.1A
-
17.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
2400
-
pF
Output capacitance
C
oss
-
780
-
Reverse transfer capacitance
Crss
-
50
-
Effective output capacitance,2)
energy related
Co(er)
VGS=0V,
VDS=0V to 480V
-
83
-
pF
Effective output capacitance,3)
time related
Co(tr)
-
160
-
Turn-on delay time
td(on)
VDD=380V, VGS=0/10V,
ID=20.7A, RG=3.6Ω
-
12
-
ns
Rise time
tr
-
15
-
Turn-off delay time
td(off)
-
59
-
Fall time
tf
-
6.4
-
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=480V, ID=20.7A
-
15
-
nC
Gate to drain charge
Q
gd
-
54
-
Gate charge total
Qg
VDD=480V, ID=20.7A,
VGS=0 to 10V
-
95
124
Gate plateau voltage
V
(plateau)
VDD=480V, ID=20.7A
-
7
-
V
1Repetitve avalanche causes additional power losses that can be calculated as P
AV=EAR*f.
2C
o(er) is a fixed capacitance that gives the same stored energy as Coss while V DS is rising from 0 to 80% VDSS.
3C
o(tr) is a fixed capacitance that gives the same charging time as Coss while V DS is rising from 0 to 80% VDSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com