công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPP04N60C2 bảng dữ liệu(PDF) 3 Page - Infineon Technologies AG

tên linh kiện SPP04N60C2
Giải thích chi tiết về linh kiện  Cool MOS??Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP04N60C2 bảng dữ liệu(HTML) 3 Page - Infineon Technologies AG

  SPP04N60C2 Datasheet HTML 1Page - Infineon Technologies AG SPP04N60C2 Datasheet HTML 2Page - Infineon Technologies AG SPP04N60C2 Datasheet HTML 3Page - Infineon Technologies AG SPP04N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPP04N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPP04N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPP04N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPP04N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPP04N60C2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2002-08-12
Page 3
SPP04N60C2, SPB04N60C2
SPA04N60C2
Final data
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Characteristics
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=2.8A
-
2.5
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
580
-
pF
Output capacitance
Coss
-
220
-
Reverse transfer capacitance
Crss
-
7
-
Effective output capacitance,4)
energy related
Co(er)
VGS=0V,
VDS=0V to 480V
-
20
-
Effective output capacitance,5)
time related
Co(tr)
-
35
-
Turn-on delay time
td(on)
VDD=380V, VGS=0/13V,
ID=4.5A,
RG=18Ω, Tj=125°C
-
10
-
ns
Rise time
tr
-
31
-
Turn-off delay time
td(off)
-
44
66
Fall time
tf
-
12.5
18.8
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=350V, ID=4.5A
-
4.5
-
nC
Gate to drain charge
Qgd
-
11
-
Gate charge total
Qg
VDD=350V, ID=4.5A,
VGS=0 to 10V
-
17.6
22.9
Gate plateau voltage
V(plateau) VDD=350V, ID=4.5A
-
8
-
V
1Limited only by maximum temperature
2Repetitve avalanche causes additional power losses that can be calculated asP
AV =EAR*f.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.
4C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS.
5C
o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com