| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
54F402DM bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54F402DM bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 12 page ![]() Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 402 P C Temperature Range Family Special Variations 74FeCommercial QB e Military grade device with 54FeMilitary environmental and burn-in processing Device Type Temperature Range Package Code CeCommercial (0 Cto a70 C) P e Plastic DIP MeMilitary (b55 Cto a125 C) D e Ceramic DIP F e Flatpak L e Leadless Chip Carrier (LCC) 9 |