công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSLY5940-CS21 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện VSLY5940-CS21
Giải thích chi tiết về linh kiện  High Speed Infrared Emitting Diode, 940 nm, Surface Emitter Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSLY5940-CS21 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  VSLY5940-CS21 Datasheet HTML 1Page - Vishay Siliconix VSLY5940-CS21 Datasheet HTML 2Page - Vishay Siliconix VSLY5940-CS21 Datasheet HTML 3Page - Vishay Siliconix VSLY5940-CS21 Datasheet HTML 4Page - Vishay Siliconix VSLY5940-CS21 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VSLY5940
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 29-May-15
2
Document Number: 84240
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
200
0
1020
3040506070
8090 100
22116
T
amb - Ambient Temperature (°C)
R
thJA = 230 K/W
0
20
40
60
80
100
120
0
10
203040
50607080
90 100
T
amb - Ambient Temperature (°C)
22115
R
thJA = 230 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.65
1.9
V
IF = 1 A, tp = 100 μs
VF
2.9
V
Temperature coefficient of VF
IF = 1 mA
TKVF
-1.45
mV/K
IF = 10 mA
TKVF
-1.25
mV/K
Reverse current
IR
not designed for reverse operation
μA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
125
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
300
600
900
mW/sr
IF = 1 A, tp = 100 μs
Ie
5100
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
e
55
mW
Temperature coefficient of
e
IF = 100 mA
TK
e
-0.35
%/K
Angle of half intensity
± 3
deg
Peak wavelength
IF = 100 mA
p
920
940
960
nm
Spectral bandwidth
IF = 100 mA

35
nm
Temperature coefficient of
p
IF = 100 mA
TK
p
0.25
nm/K
Rise time
IF = 100 mA
tr
10
ns
Fall time
IF = 100 mA
tf
10
ns



Html Pages

1 2 3 4 5