| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EX83311-2AB bảng dữ liệu(PDF) 6 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EX83311-2AB bảng dữ liệu(HTML) 6 Page - Axiomtek Co., Ltd. |
|
6 / 6 page ![]() EX83000 Series www.EtherWAN.com 6 rev. A2 Ordering Information - continued GigabitPortOptions(Y) 1 10/100/1000BASE-TX (No Gigabit Fiber port supported) 3 Combo port: 10/100/1000BASE-TX with 1000BASE-SX(SC) - 550m 4 Combo port: 10/100/1000BASE-TX with 1000BASE-SX (SC) - 2Km 5 Combo port: 10/100/1000BASE-TX with 1000BASE-SX (ST) - 550m A Combo port: 10/100/1000BASE-TX with 1000BASE-LX (SC) - 10Km B Combo port: 10/100/1000BASE-TX with 1000BASE-LX (SC) - 20Km R Combo port: 10/100/1000BASE-TX with 1000BASE-BX (SC) WDM-TX:1310nm/RX:1550nm - 20Km S Combo port: 10/100/1000BASE-TX with 1000BASE-BX (SC) WDM-TX:1550nm/RX:1310nm - 20Km V Combo port: 1000BASE-SFP with 10/100/1000BASE-TX OptionalAccessories KP-AA96-480 Panel mounting Kits DR-30-24 30W/1.5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block) DR-60--24 60W/2.5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block) DR-120-24 120W/5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block) 41-136046-X 36W/3A 12VDC hardened power adapter with open wire in aluminum housing (for Terminal Block) (X)= 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA 41-136044-X 36W/3A 12VDC hardened power adapter with latched DC Jack in aluminum housing (for DC Jack) (X)= 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA |