| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JH35320480BCNFMNFZCWC bảng dữ liệu(PDF) 16 Page - Jewel Hill Electronic |
|
|
|||||||||||||||||||||||||||||
JH35320480BCNFMNFZCWC bảng dữ liệu(HTML) 16 Page - Jewel Hill Electronic |
|
16 / 22 page ![]() JH35320480B VER: 0.1 - 15 - Issue date: 2013/08/01 JEWEL HILL ELECTRONIC CO.,LTD. Polarizer scratch Width(mm) Length(mm);Acceptable Qty Ф≤0.03 Ignore 0.03<W≤0.05 L≤3.0; N≤2 0.05<W≤0.1 L≤2.0; N≤2 0.1<W Define as spot defect 3 Polarizer defect Dent or bubble(between the polarizer and glass) Size Ф(mm) Acceptable Qty Ф≤0.10 Ignor 0.10<Ф≤0.20 2 0.20<Ф≤0.30 1 0.30<Ф 0 Minor 11.3.3. Cosmetic Defect No. Item Inspection Standard Classification of defects 1) Chip on the corner X Y Z ≤3.0 ≤S ≤T Remark: S=contact pad length; T=the thickness of glass Chips on the corner of terminal shall not be allowed to extend into the ITO pad or expose perimeter seal. Acceptable Quantity N≤2. Minor 1 Glass defect 2) Chip on the edge of glass Minor |