| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EX71621-2AB bảng dữ liệu(PDF) 1 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EX71621-2AB bảng dữ liệu(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 6 page ![]() EX71000 Series www.EtherWAN.com 1 rev. A2 Overview EtherWAN’s EX71000 Series provides a Hardened Fully Managed 10-port switching platform combining high performance switching backbone with robust and secure management features required for mission critical and harsh environments where sustained connectivity is crucial. The EX71000 Series is equipped with Ten 10/100BASE Fast Ethernet ports, in combination with up to Two Gigabit, Fixed Fiber, or SFP port options. Mountable on a DIN-rail. The EX71000 Series is equipped with EtherWAN’s Alpha-Ring self-healing technology, providing less than 15ms fault recovery time making it ideal for applications intolerant to interruption. Users are able to access management features such as; port security, IGMP snooping, VLANs, GARP protocols, LACP, via web browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces. EtherWAN — "When Connectivity is Crucial." Spotlight •VersatileConnectivity ◦ Provides 8-port 10/100BASE-TX/FX/BX/SFP plus 2-port Gigabit-SX/LX/BX/SFP •HardenedGrade ◦ Wide operating temperature range from -40°C to 75°C (-40°F to 167°F) for extreme environments ◦ Fanless and ruggedized housing •SecureRemoteAccess ◦ IEEE802.1x, ACL (Access Control List), and RADIUS support EX71000Series HardenedManaged8-port10/100BASEand2-portGigabit EthernetSwitchwithSFPoptions UL 508 NEMA TS2 SFP Option |
Số phần tương tự - EX71621-2AB |
|
Mô tả tương tự - EX71621-2AB |