| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLE66CLX640P bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SLE66CLX640P bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG |
|
6 / 12 page ![]() µµ SLE 66CLX640P Short Product Information 6 / 12 2004-04-27 Application Support • HW-& SW-Tools (Emulator, ROM Monitor, Card Emulator, Simulator, Evaluation Kit Proximity (Contactless Reader package), SmartMask™ package, Simulated Reader Software, etc.) • Open Source Application Notes Tutorial (e.g.: T=0, T=1, DES and 3DES, Crypto Library, Anticollision and Contactless Transmission Protocols for both Type A and B, Card Coil Design Guide, Card Coil Antenna Reference Design List, etc.) • Certified CC EAL5+ Crypto Library • Worldwide Application Engineer Team and customer dedicated Field Application Engineers • Regular Customer trainings on Cryptography, Contactless and Dual interface controllers including ISO/IEC 14443 related topics • On-site trainings available on request Document References • Confidential Data Book SLE 66CxxP • Confidential Instruction Set SLE 66CxxP • Confidential Quick Reference SLE 66CxxP • Chip Qualification report • Chip delivery specification for wafer with chip-layout (die size, orientation, ...) • Module specification containing description of package, etc. • Module Qualification report Development Tools Overview • Software Development Kit SDK CC • Card Emulator CE66P Dual Interface • ROM Monitor RM66P-II with stand alone functionality for ROM mask qualification in the end user system • Emulator ET66P Hitex or ET66P KSC • Smart Mask™ Package for chip evaluation • Smart Mask™ Dual Interface modules M8.4 (supplied by Infineon) supporting both ISO/IEC 14443 Type A & B and ISO/IEC 7816 for implantation process testing and production setup • Evaluation Kit Proximity (Contactless reader package) |