công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLE66C322PC bảng dữ liệu(PDF) 7 Page - Infineon Technologies AG

tên linh kiện SLE66C322PC
Giải thích chi tiết về linh kiện  Security & Chip Card ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C322PC bảng dữ liệu(HTML) 7 Page - Infineon Technologies AG

  SLE66C322PC Datasheet HTML 1Page - Infineon Technologies AG SLE66C322PC Datasheet HTML 2Page - Infineon Technologies AG SLE66C322PC Datasheet HTML 3Page - Infineon Technologies AG SLE66C322PC Datasheet HTML 4Page - Infineon Technologies AG SLE66C322PC Datasheet HTML 5Page - Infineon Technologies AG SLE66C322PC Datasheet HTML 6Page - Infineon Technologies AG SLE66C322PC Datasheet HTML 7Page - Infineon Technologies AG SLE66C322PC Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SLE 66C322P
Short Product Information
7 / 8
08.01
General Description
SLE 66C322P is another member of Infineon Technologies high-end security controller family in
advanced 0.22 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051-
instruction set extended by additional powerful instructions together with enhanced performance,
memory sizes and security features. The internal clock frequency can be adjusted up to 10 MHz
independent of the clock rate of the terminal with the help of the PLL.
The controller IC offers 134 Kbytes of User-ROM, 256 bytes internal RAM, 4096 bytes XRAM and
32 Kbytes Slim-EEPROM. The Memory Management and Protection Unit allows a secure
separation of the operating system and the applications. Furthermore the MMU makes a secure
downloading of applications possible after the personalization of a card. These new features meet
the requirements of the next generation of multi application operating systems. For code
compatibility to the SLE 66CxxS family, a transparent mode for the MMU is available which allows
you to keep the memory mapping of the SLE 66CxxS products.
EEPROM
32 Kbyte
XRAM
4 Kbyte
ROM
136
Kbyte
UART
16-Bit CPU with
MMU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
two
16-bit
Timer
Interrupt
CRC
RNG
PLL
Figure 2: Block Diagram SLE 66C322P
The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-Bit-
CRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode.
The UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO/IEC
7816-3. All relevant transmission parameters can be adjusted by software, as e.g. the clock
division factor, direct/inverse convention and the number of stop bits. Additionally, the I/O port can
be driven by communication routines realized in software.
The random number generator (RNG) is able to supply the CPU with true random numbers under
all conditions.
As an important measure, the chip provides a new and enhanced level of on-chip security features.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com