công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HSMQ-C280 bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HSMQ-C280
Giải thích chi tiết về linh kiện  Miniature ChipLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMQ-C280 bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMQ-C280 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C280 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C280 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C280 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C280 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C280 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C280 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Value at TJ = 25°C
Parameter
Green
Unit
Forward Current1
20
mA
Peak Pulsing Current2
100
mA
Power Dissipation
78
mW
LED Junction Temperature
95
°C
Operating Temperature Range
-30 to 85
°C
Storage Temperature Range
-40 to 85
°C
Note:
1.
Derate as shown in Figure 6.
2.
Pulse condition of 1/10 duty and 0.1ms width.
Optical/Electrical Characteristics at TJ = 25°C, IF=20mA
Parameter
Min
Typ
Max
Unit
Luminous Intensity Iv1
112.5
222.8
mcd
Peak Wavelength λp
516
nm
Dominant Wavelength λd2
522
nm
Viewing Angle 2θ1/23
130
°
Forward Voltage Vf
2.7
3.9
V
Reverse Voltage Vr4 at Ir=100μA
5
V
Thermal Resistance Rθj-p
300
°C/W
Note:
1.
The luminous intensity is measured at the mechanical axis of the LED package. The actual peak of the
spatial radiation pattern may not be aligned with the axis.
2.
The dominant wavelength is derived from the CIE Chromaticity Diagram and represents the perceived
color of the device.
3.
Viewing angle is the off axis angle where the luminous intensity is ½ the peak intensity.
4.
Reverse voltage Indicates product final testing, long terms reverse bias is not recommended.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com