| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74F219 bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F219 bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 8 page ![]() Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 219 S C X Temperature Range Family Special Variations 74F e Commercial QB e Military grade device with 54F e Military environmental and burn-in processing Device Type X e Devices shipped in 13 reel Package Code Temperature Range P e Plastic DIP C e Commercial (0 Cto a70 C) D e Ceramic DIP L e Military (b55 Cto a100 C) F e Flatpak L e Leadless Chip Carrier (LCC) S e Small Outline SOIC JEDEC SJ e Small Outline SOIC EIAJ Physical Dimensions inches (millimeters) 20-Lead Ceramic Leadless Chip Carrier (L) NS Package Number E20A 5 |