| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6663 bảng dữ liệu(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6663 bảng dữ liệu(HTML) 47 Page - STMicroelectronics |
|
47 / 64 page ![]() DocID022316 Rev 3 47/64 VS6663 Video timing 47 increment CCI sequence, it is not possible for the sensor to consume only part of the new exposure and gain data. However if it is not possible for the host to use auto-increment CCI register accesses and only discrete register accesses are possible then the VS6663 has a mechanism to temporarily suspend the automatic application of updated exposure register values. A group of parameter changes is marked by the host using a dedicated Boolean control parameter, grouped_parameter_hold (register 0x0104). Any changes made to ‘retimed’ parameters while the grouped_parameter_hold signal is in the ‘hold’ state will be considered part of the same group. Only when the grouped_parameter_hold control signal is moved back to the default ‘no-hold’ state will the group of changes be executed by VS6663. |