| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VNQ7050AJ bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNQ7050AJ bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 42 page ![]() Block diagram and pin description VNQ7050AJ Figure 2: Configuration diagram (top view) Table 2: Suggested connections for unused and not connected pins Connection / pin CS N.C. Output Input SEn, SELx, FaultRST Floating Not allowed X (1) X X X To ground Through 1 kΩ resistor X Not allowed Through 15 kΩ resistor Through 15 kΩ resistor Notes: (1)X: do not care. 6/42 DocID027405 Rev 1 |