| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VN7007ALH bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN7007ALH bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 37 page ![]() Block diagram and pin description VN7007ALH Figure 2: Configuration diagram (top view) Table 3: Suggested connections for unused and not connected pins Connection / pin CS N.C. Output Input FR_DIAG Floating Not allowed X (1) X X X To ground Through 1 kΩ resistor X Not allowed Through 15 kΩ resistor Through 15 kΩ resistor Notes: (1)X: do not care. GAPG2206151222CFT 1 2 3 4 5 6 7 Tab = V CC 6/37 DocID027958 Rev 1 |