công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TD35 bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện TD35
Giải thích chi tiết về linh kiện  Advanced IGBT/MOSFET driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD35 bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button TD35 Datasheet HTML 11Page - STMicroelectronics TD35 Datasheet HTML 12Page - STMicroelectronics TD35 Datasheet HTML 13Page - STMicroelectronics TD35 Datasheet HTML 14Page - STMicroelectronics TD35 Datasheet HTML 15Page - STMicroelectronics TD35 Datasheet HTML 16Page - STMicroelectronics TD35 Datasheet HTML 17Page - STMicroelectronics TD35 Datasheet HTML 18Page - STMicroelectronics TD35 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TD351
Package mechanical data
Doc ID 10977 Rev 2
17/19
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 17.
SO-8 mechanical drawing
Table 6.
SO-8 mechanical data
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.04
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
(max.) 8
ddd
0.1
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19