| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F479AG bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479AG bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 208 page ![]() DocID028010 Rev 2 51/208 STM32F479xx Pinouts and pin description 79 Table 9. Legend/abbreviations used in the pinout table Name Abbreviation Definition Pin name Unless otherwise specified in brackets below the pin name, the pin function during and after reset is the same as the actual pin name Pin type S Supply pin I Input only pin I/O Input / output pin I/O structure FT 5 V tolerant I/O TTa 3.3 V tolerant I/O directly connected to analog parts B Dedicated BOOT0 pin RST Bidirectional reset pin with weak pull-up resistor Notes Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers |