| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STL130N8F7 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STL130N8F7 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 15 page ![]() Packaging mechanical data STL130N8F7 12/15 DocID023889 Rev 3 5 Packaging mechanical data Figure 21. PowerFLAT™ 5x6 tape(a) Figure 22. PowerFLAT™ 5x6 package orientation in carrier tape. a. All dimensions are in millimeters. Measured from centerline of sprocket hole to centerline of pocket. Cumulative tolerance of 10 sprocket holes is ± 0.20 . Measured from centerline of sprocket hole to centerline of pocket. (I) (II) (III) All dimensions are in millimeters 2 2.0±0.1 (I) Ko (1.20±0.1) ±0.05) Ø1.5 MIN. Ø1.55±0.05 P Ao(6.30±0.1) 1.75±0.1 4.0±0.1 (II) P 0 Y Y SECTION Y-Y C L P1(8.00±0.1) Do D1 E1 (0.30 T REF .R0.50 Base and bulk quantity 3000 pcs 8234350_Tape_rev_C Pin 1 identification |