| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IR44273LPBF bảng dữ liệu(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR44273LPBF bảng dữ liệu(HTML) 3 Page - International Rectifier |
|
3 / 14 page ![]() IR44273LPBF 3 www.irf.com © 2015 International Rectifier June 30, 2015 Description The IR44273L is a low-voltage, wide VCC range, power MOSFET and IGBT non-inverting gate driver. Proprietary latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output. The output driver features a current buffer stage. The design also includes an additional gate drive OUT pin for flexible PCB layout. |