| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STL4N80K5 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STL4N80K5 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 17 page ![]() DocID025574 Rev 2 9/17 STL4N80K5 Test circuits 17 3 Test circuits Figure 15. Switching times test circuit for resistive load Figure 16. Gate charge test circuit Figure 17. Test circuit for inductive load switching and diode recovery times Figure 18. Unclamped inductive load test circuit Figure 19. Unclamped inductive waveform Figure 20. Switching time waveform AM01468v1 VGS PW VD RG RL D.U.T. 2200 μF 3.3 μF VDD AM01470v1 A D D.U.T. S B G 25 Ω A A B B RG G FAST DIODE D S L=100 μH μF 3.3 1000 μF VDD AM01471v1 Vi Pw VD ID D.U.T. L 2200 μF 3.3 μF VDD |