| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STHVDAC-256MTG bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STHVDAC-256MTG bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 27 page ![]() DocID028369 Rev 1 13/27 STHVDAC-256MTG Devices operating modes 27 Following active mode command (from Low power), the HVDAC will be operational after tactive (typ. 100 µs). Once in active mode, a settling time of 10 µs typ (Tset) is required following each DAC command in active mode. During this settling time the HVDAC output voltages will vary from the initial to the updated DAC command. 4.10 Power supply sequencing No specific power supply sequencing is required on the STHVDAC-256MTG. The STHVDAC-256MTG is fully functional only once both VIO and AVDD are supplied. 4.11 Trigger mode To meet precise timing requirements and avoid RFFE interface traffic congestion at critical timing, trigger mode has been implemented in the RFFE interface. Three triggers (TRIG0, TRIG1 and TRIG2) are available and can be controlled through the RFFE interface. By default, registers #2 to #4 (DAC A, DAC B and DAC C) are associated to TRIG0 and registers #6 to #8 (DAC D, DAC E and DAC F) are associated to TRIG1. Each DAC can be independently mapped to TRIG0, TRIG1 or TRIG2 by controlling trigger configuration bits in registers #9 and #10. Trigger mode enabled (default mode): By default, the different triggers are enabled and the device is running in triggered mode. In this case, once in ACTIVE mode, the following sequence must be followed to control the HVDAC outputs: • Send any valid write command sequence to Register#0 - Register#11. The new DAC register values will be temporarily stored in shadow registers. • Send a register#28 write command sequence, setting trigger bits (D2 to D0) and keeping trigger mask bits (D5 to D3) low. The shadow registers will be loaded to destination registers and this will trigger the corresponding DAC outputs to their new values. Trigger mode disabled: The different triggers are disabled by setting corresponding trigger mask bits in register#28 (D5 to D3). In this case, any valid DAC register write command sequence is directly loaded to the destination register, directly triggering the corresponding DAC output to its new value. The following logic diagram illustrates the trigger mode function. By default the trigger mode is enabled and the DATA are first sent to SHADOW registers, then transferred into DAC register once valid trigger is sent to register#28. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |