công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STBP110GVDJ6F bảng dữ liệu(PDF) 32 Page - STMicroelectronics

tên linh kiện STBP110GVDJ6F
Giải thích chi tiết về linh kiện  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110GVDJ6F bảng dữ liệu(HTML) 32 Page - STMicroelectronics

Back Button STBP110GVDJ6F Datasheet HTML 28Page - STMicroelectronics STBP110GVDJ6F Datasheet HTML 29Page - STMicroelectronics STBP110GVDJ6F Datasheet HTML 30Page - STMicroelectronics STBP110GVDJ6F Datasheet HTML 31Page - STMicroelectronics STBP110GVDJ6F Datasheet HTML 32Page - STMicroelectronics STBP110GVDJ6F Datasheet HTML 33Page - STMicroelectronics STBP110GVDJ6F Datasheet HTML 34Page - STMicroelectronics STBP110GVDJ6F Datasheet HTML 35Page - STMicroelectronics STBP110GVDJ6F Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Package mechanical data
STBP110
32/40
Doc ID 018687 Rev 3
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Figure 34.
Package mechanical drawing for TDFN 8-lead (2 x 2 x 0.75 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40