| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STBP110FVDJ6F bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBP110FVDJ6F bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 40 page ![]() Package mechanical data STBP110 32/40 Doc ID 018687 Rev 3 9 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Figure 34. Package mechanical drawing for TDFN 8-lead (2 x 2 x 0.75 mm) |