| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STBP110CVDJ6F bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBP110CVDJ6F bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 40 page ![]() Package marking information STBP110 38/40 Doc ID 018687 Rev 3 12 Package marking information Note: Currently available part numbers are marked bold in Table 11. For other options, or for more information on any aspect of this device, please contact the nearest ST sales office. Table 11. Marking description Part number Overvoltage threshold (V) Undervoltage threshold (V) Topside marking STBP110ATxxxx 5.375 2.70 11A STBP110BTxxxx 5.50 2.70 11B STBP110CTxxxx 5.90 2.70 11C STBP110DTxxxx 6.02 2.70 11D STBP110ETxxxx 6.40 2.70 11E STBP110FTxxxx 6.80 2.70 11F STBP110GTxxxx 7.20 2.70 11H STBP110AUxxxx 5.375 3.00 11K STBP110BUxxxx 5.50 3.00 11L STBP110CUxxxx 5.90 3.00 11M STBP110DUxxxx 6.02 3.00 11N STBP110EUxxxx 6.40 3.00 11P STBP110FUxxxx 6.80 3.00 11Q STBP110GUxxxx 7.20 3.00 11R STBP110AVxxxx 5.375 3.25 11T STBP110BVxxxx 5.50 3.25 11U STBP110CVxxxx 5.90 3.25 11V STBP110DVxxxx 6.02 3.25 11W STBP110EVxxxx 6.40 3.25 11X STBP110FVxxxx 6.80 3.25 11Y STBP110GVxxxx 7.20 3.25 11Z |