| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ULN2004ADE4 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ULN2004ADE4 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 34 page ![]() COM Output C E Input B RB 2.7 NŸ 7.2 NŸ 3 NŸ COM Output C E Input B RB 10.5 NŸ 7.2 NŸ 3 NŸ COM Output C E Input B 10.5 NŸ 7.2 NŸ 3 NŸ 7 V 12 ULN2002A, ULN2003A, ULN2003AI ULQ2003A, ULN2004A, ULQ2004A SLRS027O – DECEMBER 1976 – REVISED JANUARY 2016 www.ti.com Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A Submit Documentation Feedback Copyright © 1976–2016, Texas Instruments Incorporated 8 Detailed Description 8.1 Overview This standard device has proven ubiquity and versatility across a wide range of applications. This is due to integration of 7 Darlington transistors of the device that are capable of sinking up to 500 mA and wide GPIO range capability. The ULN2003A device comprises seven high-voltage, high-current NPN Darlington transistor pairs. All units feature a common emitter and open collector outputs. To maximize their effectiveness, these units contain suppression diodes for inductive loads. The ULN2003A device has a series base resistor to each Darlington pair, thus allowing operation directly with TTL or CMOS operating at supply voltages of 5 V or 3.3 V. The ULN2003A device offers solutions to a great many interface needs, including solenoids, relays, lamps, small motors, and LEDs. Applications requiring sink currents beyond the capability of a single output may be accommodated by paralleling the outputs. This device can operate over a wide temperature range (–40°C to 105°C). 8.2 Functional Block Diagrams All resistor values shown are nominal. The collector-emitter diode is a parasitic structure and should not be used to conduct current. If the collectors go below GND, an external Schottky diode should be added to clamp negative undershoots. Figure 19. ULN2002A Block Diagram Figure 20. ULN2003A, ULQ2003A and ULN2003AI Block Diagram Figure 21. ULN2004A and LQ2004A Block Diagram |