công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPVN220101 bảng dữ liệu(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

tên linh kiện SPVN220101
Giải thích chi tiết về linh kiện  Low-profile Two-way Operation Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPS [ALPS ELECTRIC CO.,LTD.]
Trang chủ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVN220101 bảng dữ liệu(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPVN220101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVN220101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVN220101 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVN220101 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20
20
Low-profile Two-way Operation Type
SPVN
Dimensions drawing is for type with location lugs.
Note
Terminal Layout(Viewed from Direction A)
Circuit Diagram
(Common)
(Common)
Left operation type
with boss
2
0.75
ON starting position(horizontal direction),
(Vertical direction)
ON starting position
Total travel position
Center of rotation
ON starting position
(horizontal direction)
operating force standard measurement position
Location lug
0.2
C0.1
1
0.4
(2.77)
1.17
0.52
4.26
3.8
1.6
Terminal No.1
A
Right operation type
with boss
3
On starting position (horizontal direction),
operating force standard measurement position
On starting position
(horizontal direction)
Center of rotation
Location lug
On starting position
(vertical direction)
Total travel
0.75
0.52
3.8
1.86
0.65
(3.74)
A
0.4
1
0.2
1.6
4.26
Terminal No.1
Left operation type
with boss
4
On starting position
(horizontal direction)
On starting position (horizontal direction),
operating force standard measurement position
Center of rotation
On starting position
(vertical direction)
Total travel
Terminal No①
Location lug
1.6
4.26
A
0.75
0.4
1
0.2
C0.1
0.52
3.8
1.86
(3.74)
0.65
Style
Dimensions
Unit:mm
Photo
PC board mounting hole and land dimensions
(Viewed from direction A )
No.
1.6
4.7
2-ø0.75
hole
3.1



Html Pages

1 2 3 4