công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPWF01SA bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện SPWF01SA
Giải thích chi tiết về linh kiện  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SA bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button SPWF01SA Datasheet HTML 8Page - STMicroelectronics SPWF01SA Datasheet HTML 9Page - STMicroelectronics SPWF01SA Datasheet HTML 10Page - STMicroelectronics SPWF01SA Datasheet HTML 11Page - STMicroelectronics SPWF01SA Datasheet HTML 12Page - STMicroelectronics SPWF01SA Datasheet HTML 13Page - STMicroelectronics SPWF01SA Datasheet HTML 14Page - STMicroelectronics SPWF01SA Datasheet HTML 15Page - STMicroelectronics SPWF01SA Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID025635 Rev 6
13/16
SPWF01SA, SPWF01SC
Package mechanical data
16
Note:
An antenna area of 217 x 520 mils must be free of any ground metalization or traces under
the unit. The area extending away from the antenna should be free from metal on the PCB
and housing to meet expected performance levels. Pin 25 is the required paddle ground and
is not shown in this diagram.
Figure 7. Wi-Fi footprint
PCB design requires a detailed review of the center exposed pad. This pad requires good
thermal conductivity. Soldering coverage should be maximized and checked via x-ray for
proper design. There is a trade-off between providing enough soldering for conductivity and
applying too much, which allows the module to “float” on the paddle creating reliability
issues. ST recommends two approaches, a large center via that allows excess solder to
flow down into the host PCB with smaller vias around it, or many smaller vias with just
enough space for the viscosity of the chosen solder/flux to allow some solder to flow into the
smaller vias.
Either of these approaches must result in 60% or more full contact solder coverage on the
paddle after reflow. ST strongly encourages PCB layout teams to work with their EMS
providers to ensure vias and solder paste designs that will result in satisfactory
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16