| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO7220CD bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO7220CD bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 35 page ![]() 1 2 3 4 5 6 7 8 GND2 INB V CC2 V CC1 OUTB GND1 INA OUTA 1 2 3 4 5 6 7 8 GND2 INB V CC2 V CC1 OUTB GND1 OUTA INA ISO7220A, ISO7220B, ISO7220C, ISO7220M ISO7221A, ISO7221B, ISO7221C, ISO7221M SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015 www.ti.com 5 Pin Configuration and Functions ISO7220x D Package ISO7221x D Package 8-Pin SOIC 8-Pin SOIC Top View Top View Pin Functions PIN I/O DESCRIPTION NAME ISO7220x ISO7221x INA 2 7 I Input, channel A INB 3 3 I Input, channel B GND1 4 4 — Ground connection for VCC1 GND2 5 5 — Ground connection for VCC2 OUTA 7 2 O Output, channel A OUTB 6 6 O Output, channel B VCC1 1 1 — Power supply, VCC1 VCC2 8 8 — Power supply, VCC2 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC Supply voltage(2), VCC1, VCC2 –0.5 6 V VI Voltage at IN, OUT –0.5 VCC + 0.5 (3) V IO Output current –15 15 mA TJ Maximum junction temperature 170 °C Tstg Storage temperature –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These ratings are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods can affect device reliability. (2) All voltage values except differential I/O bus voltages are with respect to network ground pin and are peak voltage values. (3) Maximum voltage must not exceed 6 V. 6.2 ESD Ratings VALUE UNIT Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ±4000 V Charged device model (CDM), per JEDEC specification JESD22-C101, V(ESD) Electrostatic discharge ±1000 V all pins(2) Machine Model, ANSI/ESDS5.2-1996 ±200 V (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6 Submit Documentation Feedback Copyright © 2006–2015, Texas Instruments Incorporated Product Folder Links: ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M |