| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DS3HTR bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS3HTR bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 104 page ![]() Application hints LSM6DS3H 42/104 DocID028370 Rev 4 7.2 LSM6DS3H electrical connections in Mode 2 Figure 16. LSM6DS3H electrical connections in Mode 2 1. Leave pin electrically unconnected and soldered to PCB. The device core is supplied through the Vdd line. Power supply decoupling capacitors (C1, C2 = 100 nF ceramic) should be placed as near as possible to the supply pin of the device (common design practice). The functionality of the device and the measured acceleration/angular rate data is selectable and accessible through the SPI/I2C interface. The functions, the threshold and the timing of the two interrupt pins for each sensor can be completely programmed by the user through the SPI/I2C interface. |