| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DS3H bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS3H bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 104 page ![]() DocID028370 Rev 4 39/104 LSM6DS3H Digital interfaces 104 Figure 11. Multiple byte SPI read protocol (2-byte example) 6.2.2 SPI write Figure 12. SPI write protocol The SPI Write command is performed with 16 clock pulses. A multiple byte write command is performed by adding blocks of 8 clock pulses to the previous one. bit 0: WRITE bit. The value is 0. bit 1 -7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DI(7:0) (write mode). This is the data that is written inside the device (MSb first). bit 16-... : data DI(...-8). Further data in multiple byte writes. Figure 13. Multiple byte SPI write protocol (2-byte example) |